Part Number Hot Search : 
PSMN0 NVZ6TLTA LT1078I MAX7420 B1048 TC74VCX 02000 3ADR2G
Product Description
Full Text Search
 

To Download 74LCX16244A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74LCX16244A
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
s s
s
s
s s
s
s
s s
5V TOLERANT INPUTS AND OUTPUTS HIGH SPEED: tPD = 5.2 ns (MAX.) at VCC = 3.0V POWER-DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24 mA (MIN) PCI BUS LEVELS GUARANTEED AT 24mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2.7V to 3.6V (1.5V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16244 LATCH-UP PERFORMANCE EXCEEDS 500mA ESD PERFORMANCE: HBM >2000V; MM > 200V
T (TSSOP48 Package) ORDER CODES : 74LCX16244AT
PIN CONNECTION
DESCRIPTION The LCX16244A is a low voltage CMOS 16-BIT BUS BUFFER (NON-INVERTED) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs. Any nG output control governs four BUS BUFFERS. Output Enable input (nG) tied together gives full 16-bit operation. When nG is LOW, the outputs are on. When nG is HIGH, the output are in high impedance state. This device is designed to be used with 3 state memory address drivers, etc. It has better speed performance at 3.3V than 5V LSTTL family combined with the true CMOS low power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
February 1999
1/8
74LCX16244A
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1 2, 3, 5, 6 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 24 25 30, 29, 27, 26 36, 35, 33, 32 41, 40, 38, 37 47, 46, 44, 43 48 4,10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 SYMBOL 1G 1Y1 to 1Y4 2Y1 to 2Y4 3Y1 to 3Y4 4Y1 to 4Y4 4G 3G 4A1 to 4A4 3A1 to 3A4 2A1 to 2A4 1A1 to 1A4 2G GND VCC NAME AND FUNCT ION Output Enable Input Data Outputs Data Outputs Data Outputs Data Outputs Output Enable Input Output Enable Input Data Inputs Data Inputs Data Inputs Data Inputs Output Enable Input Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOLS
TRUTH TABLE
INPUT G L L H
X:"H" or "L" Z: High impedance
OUTPUT An L H X Yn L H Z
2/8
74LCX16244A
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO ICC orIGND Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (OFF state) DC Output Voltage (High or Low State) (note1) DC Input Diode Current DC Output Diode Current (note2) DC Output Source/Sink Current DC VCC or Ground Current Per Supply Pin Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to + 7.0 -0.5 to + 7.0 -0.5 to + 7.0 -0.5 to VCC + 0.5 - 50 50 50 100 -65 to +150 300 Unit V V V V mA mA mA mA
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. 1) IO absolute maximum rating must be observed 2) VO < GND, VO > VCC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Input Voltage Output Voltage (OFF state) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.7 to 3.0V) Operating Temperature: Input Transition Rise or Fall Rate (V CC = 3.0V) (note 2) Parameter Supply Voltage (note 1) Value 2.0 to 3.6 0 to 5.5 0 to 5.5 0 to VCC 24 12 -40 to+85 0 to 10 Unit V V V V mA mA
o
C
ns/V
1) Truth Table guaranteed: 1.5V to3.6V 2) VIN from0.8V to 2.0V
3/8
74LCX16244A
DC SPECIFICATIONS
Symb ol Parameter V CC (V) VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage 2.7 to 3.6 2.7 to 3.6 2.7 3.0 VOL Low Level Output Voltage 2.7 to 3.6 2.7 3.0 3.0 II IOZ Ioff ICC Input Leakage Current 3 State Output Leakage Current Power Off Leakage Current Quiescent Supply Current 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 VI = VIH or VIL VI = VIH or VIL IO=-100 A IO=-12 mA IO=-18 mA IO=-24 mA IO=100 A IO=12 mA IO=16 mA IO=24 mA VI = 0 to 5.5 V VI = VIH orVIL VO = 0 to 5.5V VI orVO = 5.5V(per pin) VI = VCC orGND VI orVO = 3.6 to 5.5V ICC ICC incr. per input 2.7 to 3.6 VIH = VCC -0.6V Test Co nditi ons Value -40 to 85 o C Min. 2.0 0.8 VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 5 10 20 20 500 A A A A A V V Max. V V Un it
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol Parameter V CC (V) VOLP VOLV Dynamic Low Voltage Quiet Output (note 1) 3.3 CL = 50 pF VIL = 0 V VIH = 3.3V Test Con dition s Min . Value T A = 25 o C T yp. 0.8 -0.8 V Max. Un it
1) Number ofoutputs defined as "n". Measured with"n-1" outputs switching from HIGH to LOW or LOW t o HIGH. The remaining output is measured in the LOW state.
4/8
74LCX16244A
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf = 2.5 ns)
Symb ol Parameter V CC (V) tPLH tPHL tPZL tPZH tPLZ tPHZ tOSLH tOSHL Propagation Delay Time Output Enable Time Output Disable Time Output to Output Skew Time (note 1, 2) 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 3.0 to 3.6 Test Con dition Waveform Value -40 to 85 o C Min. 1.5 1.5 1.5 1.5 1.5 1.5 Max. 6.2 5.2 7.5 6.5 6.5 5.5 1.0 Un it
1 2 2
ns ns ns ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tpHLn|) 2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
Symb ol Parameter V CC (V) CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) 3.3 3.3 3.3 VIN = 0 to VCC VIN = 0 to VCC fIN = 10MHz VIN = 0 or VCC Test Co nditi ons Min. Valu e T A = 25 C T yp. 7 8 20 Max. pF pF pF
o
Un it
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. Average operting current can be obtained by the following equation. I CC(opr) = CPD * VCC * fIN + ICC/16 (per circuit)
TEST CIRCUIT
T EST tPLH , tPHL tPZL , tPLZ tPZH , tPHZ
CL = 50 pF or equivalent (includes jigand probe capacitance) RL = R1 = 500 orequivalent RT = ZOUT of pulse generator (typically 50)
SW IT CH Open 6V GND
5/8
74LCX16244A
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cicle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cicle)
6/8
74LCX16244A
TSSOP48 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.17 0.09 12.4 7.95 6.0 12.5 8.1 6.1 0.5 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.27 0.20 12.6 8.25 6.2 0.002 0.335 0.0067 0.0035 0.408 0.313 0.236 0.492 0.319 0.240 0.0197 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.011 0.0079 0.496 0.325 0.244
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/8
74LCX16244A
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of 74LCX16244A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X